|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE941S Integrated Circuit Operational Amplifier Description: The NTE941S is a general purpose operational amplifier in a 7-Lead SIP type package and offers many features which make its application nearly foolproof: overload protection on the input and output, no latch-up when the common mode range is exceeded, as well as freedom from oscillators. Absolute Maximum Ratings: Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Differential Input Voltage, VID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Common Mode Input Voltage (Note 2), VICM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Power Dissipation (Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Output Short-Circuit Duration, tS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +100C Lead Temperature (During Soldering, 10sec), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +100C/W Note 1. For operation at elevated temperatures, these devices must be derated based on thermal resistance, and TJ Max (TJ = TA + (RthJA PD). Note 2. For supply voltage less than 15V, the absolute maximum input voltage is equal to the supply voltage. Electrical Characteristics: (VS = 15V, 0 TA +70C unless otherwise specified) Parameter Input Offset Voltage Input Offset Voltage Adjustment Range Input Offset Current Input Bias Current Input Resistance Common Mode Input Voltage Range Large Signal Voltage Gain Output Voltage Swing Output Short-Circuit Current Common-Mode Rejection Ratio Supply Voltage Rejection Ratio Transient Response Rise Time Transient Response Overshoot Transient Response Slew Rate Supplu Current Power Consumption Symbol VIO VIOR IIO IIB ri VICR AV VO IOS CMRR PSRR tTLH os SR ID PC TA = +25C TA = +25C Test Conditions RS 10k TA = +25C Min - - VS = 20V, TA = +25C TA = +25C TA = +25C VS = 20V, TA = +25C TA = +25C VO = 10V, RL 2k RL 10k RL 2k TA = +25C RS 10k, VCM = 12V VS = 20V to 5V, RS 10k TA = +25C, Unity Gain TA = +25C - - - - - 0.3 - 20 15 12 10 - 70 77 - - - - - Typ Max Unit 2.0 - 15 20 - 80 - 2.0 12 200 - 14 13 25 90 96 0.3 5 0.5 1.7 50 6.0 7.5 - 200 300 500 0.8 - 13 - - - - - - - - - - 2.8 85 mV mV V nA nA nA A M V V/mV V/mV V V mA dB dB s % V/s mA mW Pin Connection Diagram (Front View) 7 6 5 4 3 2 1 V (+) Output Offset Null V (-) Non-Inverting Input Inverting Input Offset Null .128 (3.2) .700 (17.8) Max .099 (2.5) Min 1 7 .323 (8.2) Max .012 (0.25) .100 (2.54) .600 (15.24) |
Price & Availability of NTE941S |